|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
This document was generated on 04/26/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: Status: Description: 0395333005 Active 5.08mm (.200") Pitch EurostyleTM Vertical Plug, Front Wire Entry, 5 Circuits Documents: Drawing (PDF) Product Specification PS-39500-001 (PDF) RoHS Certificate of Compliance (PDF) General Product Family Series Application Comments Component Type Product Literature Order No Product Name Type Terminal Blocks 39533 Wire-to-Board Front Wire Entry Plug USA-355 ESE, EurostyleTMPluggable Euro Block Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Physical Circuits (Loaded) Entry Angle Lock to Mating Part Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Polarized to Mating Part Stackable Temperature Range - Operating Wire Size AWG Wire Size mm 5 Horizontal Yes 1 Vertical 0.200 In 5.08 mm No 0.200 In 5.08 mm Yes No -40C to +105C 12, 14, 16, 18, 20, 22, 24, 26 0.13 - 3.31 Search Parts in this Series 39533Series Mates With 39531 Vertical PCB Header, 39532 Horizontal PCB Header, Most 5.08mm (.200") Pitch Industry Standard PCB Headers, 39538 Dual Level Header, Open Ends Electrical Current - Maximum per Contact Voltage - Maximum 15A 300V Material Info Reference - Drawing Numbers Product Specification Sales Drawing PS-39500-001 SD-39533-001 This document was generated on 04/26/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Material Numbers Black 100% Tin Circuit size Printing Options None 395333002 395333003 395333004 395333005 395333006 395333007 395333008 395333009 395333010 395333011 395333012 395333013 395333014 395333015 395333016 395333017 395333018 395333019 395333020 395333021 395333022 395333023 395333024 10AV 395333302 395333303 395333304 395333305 395333306 395333307 395333308 395333309 395333310 395333311 395333312 395333313 395333314 395333315 395333316 395333317 395333318 395333319 395333320 395333321 395333322 395333323 395333324 11AV 395333402 395333403 395333404 395333405 395333406 395333407 395333408 395333409 395333410 395333411 395333412 395333413 395333414 395333415 395333416 395333417 395333418 395333419 395333420 395333421 395333422 395333423 395333424 None 395333502 395333503 395333504 395333505 395333506 395333507 395333508 395333509 395333510 395333511 395333512 395333513 395333514 395333515 395333516 395333517 395333518 395333519 395333520 395333521 395333522 395333523 395333524 30 u" Gold Printing Options 10AV 395333802 395333803 395333804 395333805 395333806 395333807 395333808 395333809 395333810 395333811 395333812 395333813 395333814 395333815 395333816 395333817 395333818 395333819 395333820 395333821 395333822 395333823 395333824 11AV 395333902 395333903 395333904 395333905 395333906 395333907 395333908 395333909 395333910 395333911 395333912 395333913 395333914 395333915 395333916 395333917 395333918 395333919 395333920 395333921 395333922 395333923 395333924 None 395338002 395338003 395338004 395338005 395338006 395338007 395338008 395338009 395338010 395338011 395338012 395338013 395338014 395338015 395338016 395338017 395338018 395338019 395338020 395338021 395338022 395338023 395338024 100% Tin Printing Options 10AV 395338302 395338303 395338304 395338305 395338306 395338307 395338308 395338309 395338310 395338311 395338312 395338313 395338314 395338315 395338316 395338317 395338318 395338319 395338320 395338321 395338322 395338323 395338324 11AV 395338402 395338403 395338404 395338405 395338406 395338407 395338408 395338409 395338410 395338411 395338412 395338413 395338414 395338415 395338416 395338417 395338418 395338419 395338420 395338421 395338422 395338423 395338424 None 395338502 395338503 395338504 395338505 395338506 395338507 395338508 395338509 395338510 395338511 395338512 395338513 395338514 395338515 395338516 395338517 395338518 395338519 395338520 395338521 395338522 395338523 395338524 Green 30 u" Gold Printing Options 10AV 395338802 395338803 395338804 395338805 395338806 395338807 395338808 395338809 395338810 395338811 395338812 395338813 395338814 395338815 395338816 395338817 395338818 395338819 395338820 395338821 395338822 395338823 395338824 11AV 395338902 395338903 395338904 395338905 395338906 395338907 395338908 395338909 395338910 395338911 395338912 395338913 395338914 395338915 395338916 395338917 395338918 395338919 395338920 395338921 395338922 395338923 395338924 Dim. A mm 10.16 15.24 20.32 25.40 30.48 35.56 40.64 45.72 50.80 55.88 60.96 66.04 71.12 76.20 81.28 86.36 91.44 96.52 101.60 106.68 111.76 116.84 121.92 inch 0.400 Dim B mm 5.08 inch 0.200 Dimensional Information Description 5.08mm, Euro Plug, Vertical, Rear Wire Entry 5.08mm, Euro Plug, Vertical, Rear Wire Entry 5.08mm, Euro Plug, Vertical, Rear Wire Entry 5.08mm, Euro Plug, Vertical, Rear Wire Entry 5.08mm, Euro Plug, Vertical, Rear Wire Entry 5.08mm, Euro Plug, Vertical, Rear Wire Entry 5.08mm, Euro Plug, Vertical, Rear Wire Entry 5.08mm, Euro Plug, Vertical, Rear Wire Entry 5.08mm, Euro Plug, Vertical, Rear Wire Entry 5.08mm, Euro Plug, Vertical, Rear Wire Entry 5.08mm, Euro Plug, Vertical, Rear Wire Entry 5.08mm, Euro Plug, Vertical, Rear Wire Entry 5.08mm, Euro Plug, Vertical, Rear Wire Entry 5.08mm, Euro Plug, Vertical, Rear Wire Entry 5.08mm, Euro Plug, Vertical, Rear Wire Entry 5.08mm, Euro Plug, Vertical, Rear Wire Entry 5.08mm, Euro Plug, Vertical, Rear Wire Entry 5.08mm, Euro Plug, Vertical, Rear Wire Entry 5.08mm, Euro Plug, Vertical, Rear Wire Entry 5.08mm, Euro Plug, Vertical, Rear Wire Entry 5.08mm, Euro Plug, Vertical, Rear Wire Entry 5.08mm, Euro Plug, Vertical, Rear Wire Entry 5.08mm, Euro Plug, Vertical, Rear Wire Entry 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 0.600 10.16 0.400 0.800 15.24 0.600 1.000 20.32 0.800 1.200 25.40 1.000 1.400 30.48 1.200 1.600 35.56 1.400 1.800 40.64 1.600 2.000 45.72 1.800 2.200 50.80 2.000 2.400 55.88 2.200 2.600 60.96 2.400 2.800 66.04 2.600 3.000 71.12 2.800 3.200 76.20 3.000 3.400 81.28 3.200 3.600 86.36 3.400 3.800 91.44 3.600 4.000 96.52 3.800 4.200 101.60 4.000 4.400 106.68 4.200 4.600 111.76 4.400 4.800 116.84 4.600 |
Price & Availability of 0395333005 |